PART |
Description |
Maker |
STGIPS40W60L1 |
Dead time and interlocking function
|
STMicroelectronics
|
IRS20124S |
DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
|
IRF[International Rectifier]
|
ISL78420 ISL78420ARTAZ ISL78420ARTBZ |
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
|
Intersil Corporation
|
SI8244CB-C-IS1 SI8241BB-B-IS1 SI8241CB-B-IS1 SI824 |
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
Silicon Laboratories
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
NCP1351BDR2G |
Variable Off Time PWM Controller 0.4 A SWITCHING CONTROLLER, PDSO8
|
ON Semiconductor
|
AD605AR-REEL AD605AR-REEL7 AD605BR-REEL AD605BR-RE |
6.5V; 1.2-1.4W; dual, low-noise, single-supply variable gain amplifier. For ultrasound and sonar time-gain control, high performance AGC systems
|
Analog Devices
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
IDT72V8985 IDT72V8985DB IDT72V8985J IDT72V8985PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
TIM-LR-0-000-5 TIM-LR TIM-LR-0-000-0 TIM-LR-0-000- |
Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
|